Part Number Hot Search : 
N4148 CY16B 1121AI SMBJ130A 1N6050 3CX800A7 MSG10407 NTF2955
Product Description
Full Text Search
 

To Download BCP52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCP 51, BCP 52, BCP 53 PNP
General Purpose Transistors PNP
Surface mount Si-Epitaxial PlanarTransistors Si-Epitaxial PlanarTransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung
1.65
4
0.2 0.3
6.5 0.1 3
0.2
1.3 W SOT-223 0.04 g
Plastic case Kunststoffgehause
3.5
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
1
0.7 2.3
2
3
3.25
Dimensions / Mae in mm 1 = B 2, 4 = C 3 = E
Maximum ratings (TA = 25/C) BCP 51 Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (DC) Peak Collector current - Koll.-Spitzenstrom Peak Base current - Basis-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open - VCE0 - VCB0 - VEB0 Ptot - IC - ICM - IBM Tj TS 45 V 45 V
7
Grenzwerte (TA = 25/C) BCP 52 60 V 60 V 5V 1.3 W 1) 1A 1.5 A 200 mA 150/C - 65...+ 150/C BCP 53 80 V 100 V
Characteristics (Tj = 25/C) Min. Collector-Base cutoff current - Kollektorreststrom IE = 0, - VCB = 30 V IE = 0, - VCB = 30 V, Tj = 125/C Emitter-Base cutoff current - Emitterreststrom IC = 0, - VEB = 5 V - IC = 500 mA, - IB = 50 mA - IEB0 - VCEsat - - - ICB0 - ICB0 - -
Kennwerte (Tj = 25/C) Typ. - - - - Max. 100 nA 10 :A 100 nA 500 mV
Collector saturation volt. - Kollektor-Sattigungsspg. 2)
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% 24 01.11.2003
1
General Purpose Transistors Characteristics (Tj = 25/C) Min. DC current gain - Kollektor-Basis-Stromverhaltnis 1) BCP 5x-6 - VCE = 2 V, - IC = 150 mA - VCE = 2 V, - IC = 5 mA - VCE = 2 V, - IC = 500 mA - VCE = 2 V, - IC = 500 mA Gain-Bandwidth Product - Transitfrequenz - VCE = 5 V, - IC = 10 mA, f = 100 MHz Thermal resistance - Warmewiderstand junction to ambient air - Sperrschicht zu umgebender Luft junction to soldering point - Sperrschicht zu Lotpad Recommended complementary NPN transistors Empfohlene komplementare NPN-Transistoren fT - BCP 5x-10 BCP 5x-16 hFE hFE hFE 40 63 100 63 40 -
BCP 51, BCP 52, BCP53 Kennwerte (Tj = 25/C) Typ. - - - - - - 115 MHz RthA RthS Max. 100 160 250 - - 1V - 95 K/W 2) 14 K/W
hFE BCP 51... BCP53 hFE - VBEon
Base-Emitter voltage - Basis-Emitter-Spannung 1)
BCP 54, BCP 55, BCP 56
) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% ) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 01.11.2003
1 2
25


▲Up To Search▲   

 
Price & Availability of BCP52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X